Part Number Hot Search : 
EPS13 MT8804AP 1N6129E3 IRFP2 SF510 67040 MT3S06FS D2321
Product Description
Full Text Search
 

To Download DCC010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number :EN1896B
DCC010
Silicon Epitaxial Planar Type (Series Connection)
Ultrahigh-Speed Switching Diode
Features
* Ideally suited for use in hybrid ICs because of very small package. * Fast switching speed. * Small interterminal capacitance.
Package Dimensions
unit:mm 1147A
[DCC010]
1:Anode 2:Cathode 3:Cathode, Anode
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Peak Reverse Voltage Reverse Voltage Peak Forward Current Average Rectified Current Surge Current (1s) Power Dissipation Junction Temperature Storage Temperature Symbol VRM VR IFM IO IFSM P Tj Tstg Unit Rating Unit Rating Unit Rating Conditions
SANYO:CP
Ratings 85 80 300 210 100 70 4 2.8 200 125 -55 to +125
Unit V V mA mA mA mA A A mW C C
Electrical Characteristics at Ta = 25C
Parameter Forward Voltage Symbol VF(1) VF(2) VF(3) Reverse Current Interterminal Capacitance Reverse Recovery Time IR(1) IR(2) C trr IF=1mA IF=10mA IF=100mA VR=30V VR=80V VR=0V, f=1MHz IF=10mA, VR=6V, RL=50, Irr=0.1Irp Conditions Ratings min typ 0.60 0.72 1.20 0.1 0.5 3.0 4.0 max Unit V V V A A pF ns
* Marking:W7 Reverse Recovery Time Test Circuit
Electrical Connection
(Top view)
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
33098HA (KT)/32996GI (KOTO)/D2028TA/N148TA, TS No.1896-1/2
DCC010
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of March, 1998. Specifications and information herein are subject to change without notice.
PS No.1896-2/2


▲Up To Search▲   

 
Price & Availability of DCC010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X